Part Number Hot Search : 
K3543 AO9926BL NJM12902 NDSC1 Z225E STPSA42 NSSW088T 071CN
Product Description
Full Text Search
 

To Download SCDH103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCDH103 THRU SCDH107
Elektronische Bauelemente
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated High Efficient Rectifier
A suffix of "-C" specifies halogen-free.
1206 (SOD-123)
FEATURES
0.083 (2.10)
Classification 94V-0 Low profile package Built-in strain relief Metal to silicon rectifier , majority carrier conduction Low power loss , High efficiency High current capability High surge capacity RoHS Compliant Product
0.067 (1.70)
0.063 (1.60)
Plastic package has Underwriters Laboratory Flammability
0.142 (3.60) 0.126 (3.20)
0.002 (0.05)
6 (0 .40)
01 R0.
0.035 (0.90) 0.020 (0.50)
0.035 (0.90) 0.020 (0.50)
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled Terminals : Solder plated , solderable per MIL-STD-750, Method 2026 Polarity : Laser marking Weight : 0.02 gram
0.046 (1.16) 0.034 (0.85)
Dimensions in inches and (millimeters)
Rating 25ae ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25ae
at Rated DC Blocking Voltage Ta=125ae Maximum reverse recovery time Typical Junction Capacitance (Note 1.) Operating Temperature Range Storage Temperature Range NOTES: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts. 2. Marking: SCDH103 SCDH104 SCDH105 SCDH106 SCDH107 : : : : : 57ZD 57ZG 57ZJ 57ZK 57ZM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOLS V RRM V RMS V DC I(AV) IFSM VF
SCDH103 200 200 200 SCDH104 400 400 400 30 1.7 5 50 50 10 -50 ~ +125 -65 ~ +150 SCDH105 600 600 600 1
SCDH106 800 800 800 25
SCDH107 1000 1000 1000
UNIT V V V A A V uA
IR
Trr Cj TJ T STG
75
ae ae
nS pF
http://www.SeCoSGmbH.com/
01-May-2006 Rev. B
Any changing of specification will not be informed individual
Page 1 of 2
SCDH103 THRU SCDH107
Elektronische Bauelemente
VOLTAGE 200V ~ 1000V
1.0 AMP Glass Passivated High Efficient Rectifier
FIG.1 - FORWARD CURRENT DERATING CURVE 1.00 30
60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
0.75
25 20
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.50
103~105
15
106~107
0.25
10 5
0
0
50
75
100
125
150
o
175
200
1
10 NUMBER OF CYCLES AT 60Hz
100
LEAD TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
1.00
PULSE WIDTH=300uS 1% DUTY CYCLE
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
10
0.10
1
TJ=125 C TJ=150 C
o
o
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
0
20
40
60
80
100 110
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
200
JUNCTION CAPACITANCE, pF
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25 C
o
100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10
20
40
100
REVERSE VOLTAGE, VOLTS
http://www .SeCoSGmbH.com/
01-May-2006 Rev. B
Any changing of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SCDH103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X